Part Number Hot Search : 
MDR2100 6715MMM DM78L06A LY621 TMP8155P T5100150 ULQ2003A UPD7801
Product Description
Full Text Search
 

To Download CN2410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CN24_ _10 CD24_ _10
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Fast Recovery Dual Diode Modules
100 Amperes/600-1200 Volts
H
A B J J
G H N - DIA. R - M4 THD (3 TYP.) Q J (3 TYP.) M L (2 TYP.)
C
Description: Powerex Fast Recovery Dual Diode Modules are designed for use in applications requiring fast switching. The modules are isolated for easy mounting with other components on common heatsinks. Features:
D Q
K
Isolated Mounting
F P
E
CN24_ _10, CD24_ _10 Fast Recovery Dual Diode Modules 100 Amperes/600-1200 Volts
Planar Chips Applications: Free Wheeling Ordering Information: Select the complete eight digit module part number you desire from the table below. Example: CN241210 is a 1200 Volt, 100 Ampere Fast Recovery Common Anode Diode Module.
Type CN24 CD24 Voltage Volts (x100) 06 12 Current Rating Amperes (x10) 10
CN--Common Anode Diode Module CD--Common Cathode Diode Module
Outline Drawing
Dimension A B C D E F G H J K L M N P Q R
Inches 2.106 1.7050.008 1.437 1.299 0.925 0.866 0.551 0.354 0.315 0.276 0.236 R 0.209 0.209 Dia. 0.177 0.138 M4 Metric
Millimeters 53.5 43.30.2 36.5 33 23.5 22 14 9 8 7 R6 5.3 Dia. 5.3 4.5 3.5 M4
D-33
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CN24_ _10, CD24_ _10 Fast Recovery Dual Diode Modules 100 Amperes/600-1200 Volts
Absolute Maximum Ratings
Characteristics Peak Reverse Blocking Voltage Transient Peak Forward Blocking Voltage (Non-Repetitive), t < 5ms DC Reverse Blocking Voltage DC Output Current, TC = 75C Peak One-Cycle Surge (Non-Repetitive) On-State Current (60Hz) Peak One-Cycle Surge (Non-Repetitive) On-State Current (50Hz) I2t (for Fusing), 8.3 milliseconds Storage Temperature Operating Temperature Maximum Mounting Torque M5 Mounting Screw Maximum Mounting Torque M4 Terminal Screw Module Weight (Typical) V Isolation Symbol VRRM VRSM VR(DC) IF(DC) IFSM IFSM I2t TSTG Tj -- -- -- VRMS CN240610 CD240610 600 720 480 100 2000 1825 16600 -40 to 125 -40 to 150 17 12 90 2500 CC240610 CD241210 1200 1350 960 100 2000 1825 16600 -40 to 125 -40 to 150 17 12 90 2500 Units Volts Volts Volts Amperes Amperes Amperes A2sec C C in.-lb. in.-lb. Grams Volts
D-34
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CN24_ _10, CD24_ _10 Fast Recovery Dual Diode Modules 100 Amperes/600-1200 Volts
Electrical and Thermal Characteristics, Tj = 25C unless otherwise specified
Characteristics Blocking State Maximums Reverse Leakage Current, Peak Conducting State Maximums Peak On-State Voltage Switching Maximums Reverse Recovery Time Symbol IRRM VFM trr Qrr Test Conditions Tj = 150C, VRRM = Rated IFM = 100A IFM = 100A, Tj = 150C di/dt =-200A/ s, VR = 1/2VRM IFM = 100A, Tj = 150C di/dt =-200A/ s, VR = 1/2VRM Per Module Per Module CN24_ _10/CD24_ _10 20 1.5 0.8 Units mA Volts s
Reverse Recovery Charge
30
C
Thermal Maximums Thermal Resistance, Junction-to-Case Thermal Resistance, Case-to-Sink (Lubricated)
R (J-C) R (C-S)
0.5 0.4
C/Watt C/Watt
D-35
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CN24_ _10, CD24_ _10 Fast Recovery Dual Diode Modules 100 Amperes/600-1200 Volts
MAXIMUM ON-STATE CHARACTERISTICS
INSTANTANEOUS ON-STATE VOLTAGE, VFM, (VOLTS)
MAXIMUM ALLOWABLE PEAK SURGE (NON-REPETITIVE) CURRENT
MAXIMUM ALLOWABLE CASE TEMPERATURE, TC, (oC)
MAXIMUM ALLOWABLE CASE TEMPERATURE
2.6 2.2 1.8 1.4 1.0 0.6 0.2 100 101 102 103
INSTANTANEOUS ON-STATE CURRENT, IFM, (AMPERES) MAXIMUM PEAK SURGE (NON-REPETITIVE) CURRENT, IFSM, (AMPERES)
2000
Tj = 25oC
150
1600
130
DC
1200
110
800
90
400
70
0 100 101
CYCLES AT 60 HZ
50 0 20 40 60 80 100
AVERAGE ON-STATE CURRENT, IF(AV), (AMPERES)
102
MAXIMUM ON-STATE POWER DISSIPATION
MAXIMUM POWER DISSIPATION, PAV(MAX), (WATTS)
REVERSE RECOVERY CHARACTERISTICS
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (JUNCTION-TO-CASE)
TRANSIENT THERMAL IMPEDANCE, Z (J-C)(t), (oC/WATT)
200 175
Irr, (AMPERES), Qrr, (C)
103
VR = 600V di/dt = -200A/s Tj = 25oC Tj = 150oC
102
1.0
150 125 100 75 50 25 0 0 25 50 75 100
AVERAGE ON-STATE CURRENT, IF(AV), (AMPERES)
0.8
Irr
102
Qrr
101
trr, (s)
0.6
DC
101
0.4
trr
100
0.2
100 100
101
102
10-1 103
0 10-3
10-2
10-1
100
INSTANTANEOUS ON-STATE CURRENT, IFM, (AMPERES)
TIME, t, (SECONDS)
D-36


▲Up To Search▲   

 
Price & Availability of CN2410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X